Part Number Hot Search : 
1N4565A EE07961 1203S 74AUP2G CPH3206 07197 TC4572BP ICL71
Product Description
Full Text Search
 

To Download 0746810001 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 05/27/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Overview: Description:
0746810001 Active
vhdm__hsd 2.00mm (.079") Pitch 8-Row VHDM-HSDTM Board-to-Board Daughtercard Receptacle, Right Angle, Signal Module, 60 Circuits
Documents: Drawing (PDF)
RoHS Certificate of Compliance (PDF) Series Backplane Connectors 74681 Daughtercard Tooling Manual Wafers aggregated into connectors receive a custom order number 74680-XXXX for 8 row daughtercard assemblies. PCB Receptacle vhdm__hsd VHDM-HSDTM N/A image - Reference only EU RoHS China RoHS RoHS Compliant by Exemption REACH SVHC Contains SVHC: No Halogen-Free Status Halogen-Free Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
General
Product Family Series Application Application Tooling Documents Comments
Component Type Overview Product Name Style
Physical
Circuits (Loaded) Circuits (maximum) Color - Resin Durability (mating cycles max) First Mate / Last Break Guide to Mating Part Keying to Mating Part Material - Metal Material - Plating Mating Material - Plating Termination Material - Resin Number of Columns Number of Pairs Number of Rows Orientation PCB Retention PCB Thickness Recommended (in) PCB Thickness Recommended (mm) Packaging Type Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) Polarized to PCB Stackable Surface Mount Compatible (SMC) Temperature Range - Operating Termination Interface: Style 60 60 Black 200 No No None High Performance Alloy (HPA) Gold Tin-Lead High Temperature Thermoplastic 10 Open Pin Field 8 Right Angle None 0.070 In 1.80 mm Tube 0.079 In 2.00 mm 30.4 0.76 30.4 0.76 Yes Yes Yes -55C to +105C Through Hole - Compliant Pin
Search Parts in this Series 74681Series Mates With VHDM-HSDTM Backplane Header 74649 , 74650 , 74651 Use With Backplane Modules
Electrical
Current - Maximum per Contact Data Rate Real Signals (per 25mm) Voltage - Maximum
1A 5.0 Gbps 100 120V AC (RMS)/DC
Material Info Reference - Drawing Numbers
Sales Drawing VHDM-HSD is a trademark of Amphenol Corporation SD-74681-002
This document was generated on 05/27/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 0746810001

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X